PART |
Description |
Maker |
BR3500W BR3501W BR3502W BR3504W BR3510W BR3506W BR |
SILICON BRIDGE RECTIFIERS ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost Effective- Efficiency to 85% 硅桥式整流器
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
MP62 MP88 MP605 MP610 MP86 MP61 MP81 MP84 MP82 BR6 |
ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost BRIDGE RECTIFIERS
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers http:// List of Unclassifed Man...
|
BR66 BR62 BR68 BR605 BR61 BR610 BR64 |
SINGLE-PHASE SILICON BRIDGE RECTIFIER 6 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost
|
RECTRON[Rectron Semiconductor]
|
ACT4419FP ACT4419 |
ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% Single Supply Variable Amplitude Transceivers for MIL-STD-1553
|
Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
ACT8504-T ACT8504-S ACT8504-I ACT8504-C ACT8504 AC |
ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% ACT8504抗辐 ACT8504 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module With MUX Output Monitor Function
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
RXT-XX0505 RYT-150909 RYT-150505 RYT-120505 RYT-12 |
ECONOLINE DC/DC-CONVERTER ECONOLINE直流/直流转换 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; Jacket Material:Polyvinylchloride (PVC); Voltage Nom.:300V RoHS Compliant: Yes ECONOLINE直流/直流转换 Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes ECONOLINE直流/直流转换 GT 35C 28#16 7#12 PIN RECP ECONOLINE直流/直流转换 2200UF 80WV 20% *NO Pb* ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 Shielded Multiconductor Cable; Number of Conductors:5; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes
|
RECOM Power Inc. RECOM Electronic GmbH
|
REC3-2405SR REC3-1205SR REC3-0505SR REC3-0505DR RE |
Single Output LDO, 3.0A, Fixed(5.0V), Reverse Current Protection, Thermal Shutdown 3-TO-220 0 to 70 ECONOLINE -直流/直流-转炉 ECONOLINE - DC/DC - CONVERTER ECONOLINE - DC/DC-Converter
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
M30217MA-XXXXFP M30218FCFP |
Single chip 16-bit CMOS microcomputer. RAM size 12K bytes, ROM size 128K bytes
|
Mitsubishi Electric Corporation
|
U83930HD U83930HE |
Universal serial bus hub peripheral controller. ROM size 8 Kbytes, RAM size 1024 bytes, 12-MHz crystal operation Universal serial bus hub peripheral controller. ROM size 16 Kbytes, RAM size 1024 bytes, 12-MHz crystal operation
|
Intel
|
ACT8501-T ACT8501-I ACT8501-C ACT8501 ACT8501-7 AC |
ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85%
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc.
|